Part Number Hot Search : 
TB106 AD7729 170M6342 DZ13B 1N4082 D44H11 015020 AD7545TQ
Product Description
Full Text Search
 

To Download MBR1040 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ds23009 rev. g-2 1 of 2 mbr1030-mbr1060 www.diodes.com  diodes incorporated mbr1030 - mbr1060 10a schottky barrier rectifier features l m a n p d e k c b j g r pin1+ pin 1 pin 2 pin 2 - case + to-220ac dim min max a 14.22 15.88 b 9.65 10.67 c 2.54 3.43 d 5.84 6.86 e  6.35 g 12.70 14.73 j 0.51 1.14 k 3.53  4.09  l 3.56 4.83 m 1.14 1.40 n 0.30 0.64 p 2.03 2.92 r 4.83 5.33 all dimensions in mm maximum ratings and electrical characteristics @ t a = 25  c unless otherwise specified  schottky barrier chip  guard ring die construction for transient protection  low power loss, high efficiency  high surge capability  high current capability and low forward voltage drop  for use in low voltage, high frequency inverters, free wheeling, and polarity protection application  plastic material: ul flammability classification rating 94v-0 mechanical data  case: molded plastic  terminals: plated leads solderable per mil-std-202, method 208  polarity: see diagram  weight: 2.24 grams (approx.)  mounting position: any  marking: type number single phase, half wave, 60hz, resistive or inductive load. for capacitive load, derate current by 20%. characteristic symbol mbr 1030 mbr 1035 mbr 1040 mbr 1045 mbr 1050 mbr 1060 unit peak repetitive reverse voltage working peak reverse voltage dc blocking voltage v rrm v rwm v r 30 35 40 45 50 60 v rms reverse voltage v r(rms) 21 24.5 28 31.5 35 42 v average rectified output current (note 1) @t c = 125  c i o 10 a non-repetitive peak forward surge current 8.3ms single half sine-wave superimposed on rated load (jedec method) i fsm 150 a forward voltage drop @i f = 10a, t c = 25  c @i f = 10a, t c = 125  c v fm 0.84 0.57 0.95 0.70 v peak reverse current @t c = 25  c at rated dc blocking voltage @t c = 125  c i rm 0.1 15 0.1 25 ma typical junction capacitance (note 2) c j 400 pf typical thermal resistance junction to case (note 1) r  jc 2.5  c/w voltage rate of change (rated v r ) dv/dt 1000 v/  s operating and storage temperature range t j, t stg -65 to +150  c notes: 1. thermal resistance junction to case mounted on heatsink. 2. measured at 1.0mhz and applied reverse voltage of 4.0v dc.
ds23009 rev. g-2 2 of 2 mbr1030-mbr1060 www.diodes.com 0.1 1.0 10 5 0 0.2 0.4 0.6 0.8 1.0 i , instantaneous fwd current (a) f v , instantaneous forward voltage (v) f fi g .2 t y pical forward characteristics mbr1030 - mbr1045 mbr1050 / mbr1060 0 50 100 150 200 250 300 1 10 100 i , peak forward surge current (a) fsm number of cycles at 60hz fig. 3 max non-repetitive surge current 100 1000 0.1 1.0 10 100 c , capacitance (pf) j v , reverse voltage (v) r fi g .4 t y pical junction capacitance t=25 c j f = 1.0mhz 0.001 0.01 0.1 1.0 10 0 20 40 60 80 100 120 140 i , instantaneous reverse current (ma) r percent of rated peak reverse voltage (%) fi g . 5 t y pical reverse characteristics t = 125 c j t = 75 c j t = 25 c j 0 2 4 6 8 10 0 50 100 150 i , average fwd current (a) (av) t , case temperature ( c) c fi g . 1 forward current deratin g curve


▲Up To Search▲   

 
Price & Availability of MBR1040

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X